Part Number Hot Search : 
SDZ13VG ULLGA8 MAX1912 TND524VS 5KE200A ZXSC440 2SA201 MAX6602
Product Description
Full Text Search
 

To Download DL5259B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
DL5221B THRU DL5259B
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
FEATURES
* Voltage Range:2.4V to 39V * Double slug type construction
DL-35
MECHANICAL DATA
* Case: Glass case Minimelf DL-35 * Terminals:Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.05 gram Approx.
3.50.1
0.30.1 1.450.05
CATHODE MARK
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in millimeters
SYMBOL Zener Current see Table "Characterisitics" Power Dissipation at Tamb=25 oC Junction Temperature Storage Temperature Range Ptot Tj Tstg
VALUE 500 (1) 175 -55 to + 175
UNITS
mW
o o
C
C
K/mW Thermal Resistance Junction to Ambient Air RthA 0.3
(1)
Typ. Min. Max. Volts
Forward Voltage at IF=100mA
VF
1
Typ. Min. Max.
1)Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case. NOTE: Suffix "B" indicates Zener Voltage Tolerance 5%
298
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES (DL5221B THRU DL5259B)
Nominal Zener Voltage VZ@IZT Volts
DL5221B DL5222B DL5223B DL5224B DL5225B DL5226B DL5227B DL5228B DL5229B DL5230B DL5231B DL5232B DL5233B DL5234B DL5235B DL5236B DL5237B DL5238B DL5239B DL5240B DL5241B DL5242B DL5243B DL5244B DL5245B DL5246B DL5247B DL5248B DL5249B DL5250B DL5251B DL5252B DL5253B DL5254B DL5255B DL5256B DL5257B DL5258B DL5259B
( )Izk=0.25mA
changes in the power dissipation due to the ambient temperature. Power dissipation Pd(mw)
40 IZ mA 50
Zener Test Current IZT mA
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2
Maximum Zener Impedance
ZZT@IZT ZZT@IZK( ) Ohms Ohms.
30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
Typical Temperature Coefficient % / oC
-0.085 -0.085 -0.080 -0.080 +0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.085 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094
Maximum Reverse Maximum Regulator Leakage Current Current IR @VR IZM uA Volts mA
100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30
DL52 SERIES
25V 30V
2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39
191 182 168 162 151 138 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21.2 19.1 18.2 16.8 16.2 15.1 13.8 12.6 11.5
Breakdown characteristics
5V 10V 15V 20V
500 400 300 200 100
10 20 30 Test Current IZ 20mA
50
100 150 200 300
Ta(oC) Ambient Temperature.
0 1N5224 1N5235 1N5234 1N5232 1N5231 1N5230 1N5229 1N5228 1N5239 1N5241 1N5242 1N5245 1N5250 VZ 1N5252
DC COMPONENTS CO., LTD.
R
299
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of DL5259B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X